PART |
Description |
Maker |
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
TMP91PW12F |
Low-Voltage/Low Power CMOS 16-Bit Micro-controller 16-Bit Microcontroller TLCS-900 Family
|
Toshiba
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BS616LV8017 BS616LV8017FIP70 BS616LV8017EC BS616LV |
Very Low Power/Voltage CMOS SRAM 512K X 16 bit Asynchronous 8M(512Kx16) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|
IS80LV52-24PLI IS80LV52-24WI IS80LV52-24PQ IS80LV5 |
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PDIP40 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution, Inc.
|
AM29SL800DB100ED A800DB15PD A800DT15PD |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
Advanced Micro Devices, Inc.
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
EM680FV8A |
1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP3216DAX |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1617DCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|